Part Number Hot Search : 
1N4747 F4553 AD50601 1N6029UR SA552 13007 DDZ5VXXS 1003C
Product Description
Full Text Search
 

To Download G4B-112T1-C-US Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relay
Miniature relay ideal for switching motor load, lamp load, heater, etc. s Creepage distance of more than 2.03 mm (0.08 in). s Upper mounting bracket type for easy wiring and mounting
s
G4B
Ordering Information
To Order: Select the part number from the available types chart and add the desired coil voltage rating, (e.g., G4B-112T-US-DC6). Type Standard Load contact terminal Quick connect #250 Coil terminal Quick connect #110 Quick connect #187 PC board High capacity PC board Quick connect #187 Contact form SPST-NO SPDT SPST-NO SPDT SPST-NO SPDT SPST-NO SPDT SPST-NO SPDT Part number G4B-112T-US G4B-112T-C-US G4B-112T1-US G4B-112T1-C-US G4B-112TP-US G4B-112TP-C-US G4B-112TP-FD-US-RP G4B-112TP-FD-C-US-RP G4B-112T1-FD-US-RP G4B-112T1-FD-C-US-RP
Note: 1. Class "B" insulation available. For information consult your OMRON representative. 2. High capacity types are also available with #110 connect coil terminals.
Specifications
s CONTACT DATA
Type Load Rated load Contact material Carry current Max. operating voltage Max. operating current Max. switching capacity Min. permissible load Standard Resistive (p.f.=1) 220 VAC 15A 24 VDC 15A AgCdO 20A 250 VAC, 125 VDC 20 A 3,300VA, 360W 100 mA, 5 VDC Inductive (p.f.=0.40) (L/R=7ms) 220 VAC 10A 24 VDC 7A High capacity Resistive (p.f.=1) 220 VAC 25A 24 VDC 25A AgInSn 25A 250 VAC, 125 VDC 25A 5,500VA, 600W Inductive (p.f.=0.40) (L/R=7ms) 220 VAC 20A 24 VDC 15A
-- -- 2,200VA, 170W
G4B
s COIL DATA
AC Rated voltage (V) 6 12 24 50 100 120 240 DC Rated voltage (V) 6 12 24 48 100 110 Coil resistance () 30 135 480 1,920 8,300 12,300 Pick-up Dropout voltage voltage % of rated voltage 80% max. 10% min. Maximum voltage 110% max. Rated current (mA) 50Hz 254 126.50 63 30.50 15 12.60 6.30 Coil resistance () -- Pick-up Dropout voltage voltage % of rated voltage 80% max. 30% min. Maximum voltage 110% max.
G4B
60Hz 217 108 54 26 13 10.80 5.40
Power consumption (VA,W) Approx.1.30 VA
Rated current (mA) 200 89 50 25 12 9
Power consumption (VA,W) Approx. 1.20 W
Note: The rated current and coil resistance are measured at a coil temperature of 23C (73F) with tolerances of 10% for DC rated current and +15%, -20% for AC rated current, and 15% for rated coil resistance.
s CHARACTERISTICS
Contact resistance Operate time Release time Operating frequency Insulation resistance Dielectric strength Vibration Shock Ambient temperature Humidity Service life Weight Note: Data shown are of initial value. 30 m max. 20 ms max. 20 ms max. 1,800 operations/hour 1,800 operations/hour (under rated load) 100 M min (at 500 VDC) 2,000 VAC 50/60 Hz for 1 minute (1,000 VAC between non-continuous contacts) 10 to 55 Hz, 1.50 mm (0.06 in) double amplitude 10 to 55 Hz, 1.50 mm (0.06 in) double amplitude Approx. 100 G Approx. 20 G -10 to 55C (14 to 131F) 35% to 85% RH 10 million operations min. (at 18,000 operations/hour) See "Characteristic Data" Approx. 44 g (1.55 oz)
Mechanical
Mechanical durability Malfunction durability Mechanical durability Malfunction durability
Mechanical Electrical
2
G4B
s CHARACTERISTIC DATA
Standard Maximum switching capacity Electrical service life
G4B
Rated operating voltage (V)
Service life (x106 operations)
Rated operating current (A)
Load current (A)
High Capacity Maximum switching capacity
Electrical service life
Rated operating current (A)
Service life (x104 operations)
Load current (A)
Rated operating voltage (V)
3
G4B
G4B
Dimensions
Unit: mm (inch)
s RELAYS
G4B-112T-US (Bottom view) G4B-112T-C-US (Bottom view)
G4B-112T1-US (Bottom view)
G4B-112T1-C-US (Bottom view)
G4B-112TP-US (Bottom view)
G4B-112TP-C-US (Bottom view)
4
G4B
G4B-112T-US, G4B-112T-C-US G4B-112T1-US, G4B-112T1-C-US Terminal layout/ Internal connection (Bottom view) G4B-112T(-C)-US G4B-112T1(-C)-US Mounting holes (Bottom view) G4B-112TP-US Terminal layout/ Internal connection (Bottom view) (Top view) G4B-112TP(-C)-US Mounting holes (Bottom view)
G4B
G4B-112TP-C
Note: Recommended panel thickness is 1.01 to 2.03 mm (0.04 to 0.08 in).
s APPROVALS
Standard UL (File No. E41643) Type G4B Contact form SPST-NO SPDT Coil ratings 6 to 120 VAC 6 to 100 VDC Contact ratings 15 A, 28 VDC (Resistive) 15 A, 120 VAC (Inductive) 10A, 240 VAC (Inductive) 1 HP, 120 VAC (HP rating) TV-5 AC TV rating
CSA (File No. LR31928) Type G4B Contact form SPST-NO SPDT Coil ratings 6 to 120 VAC 6 to 120 VDC Contact ratings 15 A, 28 VDC (Resistive) 10A, 120 VAC (Inductive) 1/2 HP, 120 VAC (HP rating)
High Capacity UL (File No. 41643) Type G4B Contact form SPST-NO SPTD Coil ratings 6 to 120 VAC 6 to 100 VDC Contact ratings 25 A, 250 VAC (General purpose) 2 HP, 250 VAC
Note: 1. The rated values approved by each of the safety standards may be different from the performance characteristics individually defined in this catalog. 2. In the interest of product improvement, specifications are subject to change.
OMRON ELECTRONICS, INC.
One East Commerce Drive Schaumburg, IL 60173
OMRON CANADA, INC.
885 Milner Avenue Scarborough, Ontario M1B 5V8
1-800-55-OMRON
Cat. No. GC RLY6 9/97 Specifications subject to change without notice.
416-286-6465
Printed in the U.S.A. 5


▲Up To Search▲   

 
Price & Availability of G4B-112T1-C-US

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X